Part Number Hot Search : 
2SJ117 MCSO1 40106 AN7908T MC8820 SO20LL RF151 NCE3050
Product Description
Full Text Search
 

To Download LB1740-6R Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 www.power-one.ch b series 700 watt ac-dc converters selection chart output 1 input voltage rated power efficiency type u o nom i o nom u i p o tot h typ [v dc] [a] [v ac] [w] [%] 53.5 12.6 150...264 680 90 lb 1740-6r u/p/i output characteristic high power density 300 w/dm 3 overtemperature, overload and overvoltage protection input range 150...264 v ac with pfc 48 v battery charger 3 kv ac i/o electric strength test voltage lga input input voltage 150...264 v ac with full output power 187...264 v ac input frequency 47...63 hz inrush current limitation etsi 300 132-1, at 230 v ac <35 a input harmonics iec/en 61000-3-2 class d power factor u i nom , i o nom >0.98 efficiency u i nom , i o nom >90% output nominal output voltage u i nom , 50% i o nom , t c = 25 c 53.5 0.1 v nominal output power power limitation 680 w current limitation u/p/i characteristic 15.5 a static line and load regulation u i min ... u i max , u i nom , 5...100% i o nom typ. 300 mv output voltage ripple and noise u i nom , i o nom , 20 mhz bandwidth <120 mv pp psophometric ripple a-filter acc. ccitt <2 mv rms minimum load not required 0 a auxiliary supply 11.5 1 v, 50 ma approvals pending
2 www.power-one.ch cassette style b series protection input fuses not user accessible (fuses in both lines) 6.3 at input transient protection varistor output no-load, overload and short circuit proof overtemperature automatic output power derating t c = 90 c control output voltage adjustment by remote control, u cr = 0...10 v 44...59.0 v dc on/off switch shut-down input ttl compatible signal status monitoring input ok output, module ok output output voltage monitor u uo m = 0...10 v for u o = 0...60 v output current monitor u io m = 0...10 v for i o = 0...20 a current share up to 6 units in parallel 50 w status indication leds: ok, error safety and emc approvals in progress en 60950, ul 1950, csa 22.2 no. 950 protection degree ip 20 electric strength test voltage class i, i/case 1.5 kv ac class i, i/o 3 kv ac class i, o/case 1 kv ac electrostatic discharge iec/en 61000-4-2, level 3 4/8 kv, criterion b electromagnetic field iec/en 61000-4-3, level 2 3 v/m, criterion a electr. fast transients/burst iec/en 61000-4-4, level 4 4 kv, criterion b surge iec/en 61000-4-5, level 4 4 kv, criterion b electromagnetic emissions cispr 22/en 55022, conducted and radiated class b environmental specifications operating temperature u i nom , i o nom , cooling by forced air flow 1 m/s ?5...60 c storage temperature non operational ?0...90 c relative humidity non condensing 93% shock iec/en 60068-2-27, 11 ms 15 g n bump iec/en 60068-2-29, 6 ms 10 g n sinusoidal vibration iec/en 60068-2-6, 8.2...58.1/58.1...500 hz 1 g n /2 g n random vibration iec/en 60068-2-64, 10...200/200...2000 hz 0.01/0.003 g 2 /hz
3 www.power-one.ch mechanical data tolerances 0.3 mm (0.012") unless otherwise indicated. european projection 299 (11.77") 128.5 (5.06") s90050 70.8 (2.79") b series 700 watt ac-dc converters
4 www.power-one.ch phoenix power-combicon connector pin designation 1vi+ 2vi amp 558065 western connector pin destination description 1 u aux auxiliary voltage (12 v, 50 ma) 2 g reference ground 3 sd shut down input 4 d module ok 5 ac ok ac input ok 6 u cr remote control input 7 u om output voltage monitor 8 i om output current monitor 9 t or uh current sharing or aux. 10 n.c. open circuit cassette style b series accessories temperature sensor for battery charging


▲Up To Search▲   

 
Price & Availability of LB1740-6R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X